Part Number Hot Search : 
FA13844 RL201 M62220L MAX236 15445 WH107 LPY410AL MV6451
Product Description
Full Text Search
 

To Download Z86C65 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Z86C60/65 CP96Z8X0400
PRELIMINARY CUSTOMERPROCUREMENTSPECIFICATION
Z86C60/65
CMOS Z8(R) 32KROMMICROCONTROLLER
FEATURES
Part Z86C60 Z86C65 ROM (KB) 16 32 RAM* (Bytes) 256 256 I/O 22 22 Speed 28-pin (MHz) DIP 16 16 X X
s s s
Low EMI Mode Option Auto Latches Two Programmable 8-Bit Counter/Timers Each with 6Bit Programmable Prescaler Three Vectored, Priority Interrupts from Three Different Sources On-Chip Oscillator that Accepts a Crystal Ceramic Resonator, LC, or External Clock Source ROM Mask Options: - ROM Protect - RAM Protect
*General-Purpose
s s s s s
28-Pin DIP Package 3.0V to 5.5V Operating Range Low-Power Consumption: 200 mW Fast Instruction Pointer: 0.75 s @ 16 MHz Two Standby Modes: STOP and HALT
s
s
s
GENERAL DESCRIPTION
The Z86C60/65 microcontrollers introduce a new level of sophistication to single-chip architecture. The Z86C65 is a member of the Z8 single-chip microcontroller family with 32 Kbytes of ROM and 256 bytes of RAM. The Z86C60 is identical, except that it only has 16 Kbytes of ROM. The Z86C60/65 are housed in a 28-pin DIP package, and manufactured in CMOS technology. The Z86C96 ROMless Z8 will support the Z86C60/65. Zilog's CMOS microcontroller offers fast execution, more efficient use of memory, more sophisticated interrupts, input/output bit manipulation capabilities, and easy hardware/software system expansion along with low cost and low power consumption. The Z86C60/65 architecture is characterized by Zilog's 8-bit microcontroller core. The device offers a flexible I/O scheme, an efficient register and address space structure, multiplexed capabilities between address/data, I/O, and a number of ancillary features that are useful in many industrial and advanced scientific applications. For applications which demand powerful I/O capabilities, the Z86C60/65 fulfills this with 22 pins dedicated to input and output. These lines are grouped into four ports. Each port is configurable under software control to provide timing, status signals, serial or parallel I/O with or without handshake, and an address/data bus for interfacing external memory. There are three basic address spaces available to support this wide range of configurations: Program Memory, Data Memory, and 236 General-Purpose Registers. To unburden the program from coping with the real-time problems such as counting/timing and serial data communication, the Z86C60/65 offers two on-chip counter/timers with a large number of user selectable modes.
Notes: All Signals with a preceding front slash, "/", are active Low, e.g., B//W (WORD is active Low); /B/W (BYTE is active Low, only). Power connections follow conventional descriptions below: Connection Power Ground Circuit VCC GND Device VDD VSS
CP96Z8X0400
(5/96)
1
PRELIMINARY
Z86C60/65 CP96Z8X0400
GENERAL DESCRIPTION
Output Input
Vcc
GND
XTAL
/DS
/RESET
Port 3
Machine Timing and Instruction Control
ALU
Counter/ Timers (2)
FLAGS Prg. Memory Register Pointer Register File Program Counter
Interrupt Control
Port 2
Port 0
Port 1
2 I/O (Bit Programmable)
4
8 Address/Data or I/O (Byte Programmable)
Address or I/O (Nibble Programmable)
Figure 1. Z86C60/65 Functional Block Diagram
2
PRELIMINARY
Z86C60/65 CP96Z8X0400
PIN DESCRIPTION
Z86C60/65 28-Pin DIP Pin Identification
VCC XTAL2 XTAL1 RESET /DS P35 GND P00 P01 P02 P03 P04 P05 P10
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
P36 P31 P25 P24 P23 P22 P21 P17 P16 P15 P14 P13 P12 P11
Pin # 1 2 3 4 5 6 7 8-13 14-21 22-26 27 28
Symbol VCC XTAL2 XTAL1 /RESET /DS P35 GND P05-P00 P17-P10 P25-P21 P31 P36
Function Power Supply Crystal, Oscillator Clock Crystal, Oscillator Clock Reset Data Strobe Port 3, Pin 5
Direction Input Output Input Input Output Output
Ground Input Port 0, Pins 0,1,2,3,4,5 In/Output Port 1, Pins 0,1,2,3,4,5,6,7 In/Output Port 2, Pins 1,2,3,4,5 Port 3, Pin 1 Port 3, Pin 6 In/Output Input Output
Figure 2. Z86C60/65 28-Pin DIP Pin Assignments
3
PRELIMINARY
Z86C60/65 CP96Z8X0400
ABSOLUTE MAXIMUM RATINGS
Symbol VCC TSTG TA Description Min Max +7.0 +150 Units V C Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; operation of the device at any condition above those indicated in the operational sections of these specifications is not implied. Exposure to absolute maximum rating conditions for an extended period may affect device reliability.
Supply Voltage* -0.3 Storage Temp -65 Oper Ambient Temp
Notes: * Voltages on all pins with respect to GND. See ordering information
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test conditions as noted. All voltages are referenced to GND. Positive current flows into the referenced pin (Test Load).
From Output Under Test
I
150 pF
Figure 3. Test Load Diagram
4
PRELIMINARY
Z86C60/65 CP96Z8X0400
DC ELECTRICAL CHARACTERISTICS Z86C60/65
TA = 0C to +70C Min Max 4.5 0.85VCC VSS-0.3 2 VSS-0.3 2.4 2.4 0.4 0.4 VCC+0.3 0.2VCC 2 2 -180 3 5 6.0 1 5 1.6 1 0 +14 24 4.0 4.5 0.8 5 5 5.5 7 VCC+0.3 0.8 VCC+0.3 0.2VCC VC C VCC-100mV Typical at 25C
Sym Parameter VC C VH C VCL VIH VIL VH O VH O VH O VL O VL O VH R VRl IIL IOL IIR ICC ICC ICC1 ICC1 ICC2 IALL OperatingVoltage MaxInputVoltage ClockInputHighVoltage ClockInputLowVoltage InputHighVoltage InputLowVoltage OutputHighVoltage OutputHighVoltage OutputHighVoltage(LowEMI) OutputLowVoltage OutputLowVoltage(LowEMI) ResetInputHighVoltage ResetInputLowVoltage InputLeakage OutputLeakage ResetInputCurrent SupplyCurrent(StandardMode) SupplyCurrent(LowEMI) StandbyCurrent(StandardMode) StandbyCurrent(LowEMI) StandbyCurrent AutoLatchLowCurrent
Units V V V V V V V V V V V V V A A A m A m A m A m A A A
Conditions [3] [3] IIN < 250A DrivenbyExternalClockGenerator DrivenbyExternalClockGenerator
IOH=-2.0mA IOH =-100A IOH =-0.5mA IOL = +5.0 mA [2] IOL = +2.0 mA [2]
0.85VCC -0.3 -2 -2
VIN =0V,VCC VIN =0V,VCC VRL=0V [1]@16MHz @4MHz [1]HALTModeVIN=0V,VCC@16MHz @4MHz [1]STOPModeVIN=0V,VCC VCC=5.0V
-14
Notes: [1] All inputs driven to either 0V or VCC, outputs floating. [2] VCC = 4.5V to 5.5V [3] /Reset pin must be a maximum of VCC + 0.3V.
5
PRELIMINARY
Z86C60/65 CP96Z8X0400
AC CHARACTERISTICS Additional Timing Diagram
1 3
Clock 2 7 7 2 3
TIN 4 6 5
IRQN 8 9
Figure 4. Additional Timing
AC CHARACTERISTICS Additional Timing Table Z86C60/65 (Standard Mode Only)
TA = 0C to +70C 16 MHz Min Max 62.5 31 75 5 TpC 8 TpC 100 70 5 TpC 5 TpC DC 10
No 1 2 3 4 5 6 7 8a 8b 9
Symbol TpC TrC,TfC TwC TwTinL TwTinH TpTin TrTin,TfTin TwIL TwIL TwIH
Parameter Input Clock Period Clock Input Rise & Fall Times Input Clock Width Timer Input Low Width Timer Input High Width Timer Input Period Timer Input Rise and Fall Times Interrupt Request Input Low Times Interrupt Request Input Low Times Interrupt Request Input High Times
Units ns ns ns ns ns ns ns ns ns ns
Notes [1] [1] [1] [2] [2] [2] [2] [2,4] [2,5] [2,3]
Notes: [1] Clock timing references use 0.85VCC for a logic 1 and 0.8V for a logic 0. [2] Timing references use 2.0V for a logic 1 and 0.8V for a logic 0. [3] Interrupt references request through Port 3. [4] Interrupt request through Port 3 (P33-P31). [5] Interrupt request through Port 30.
6
PRELIMINARY
Z86C60/65 CP96Z8X0400
Pre-Characterization Product: The product represented by this CPS is newly introduced and Zilog has not completed the full characterization of the product. The CPS states what Zilog knows about this product at this time, but additional features or non-con-
formance with some aspects of the CPS may be found, either by Zilog or its customers in the course of further application and characterization work. In addition, Zilog cautions that delivery may be uncertain at times, due to start-up yield issues.
Zilog's products are not authorized for use as critical components in life support devices or systems unless a specific written agreement pertaining to such intended use is executed between the customer and Zilog prior to use. Life support devices or systems are those which are intended for surgical implantation into the body, or which sustains life whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Zilog, Inc. 210 East Hacienda Ave. Campbell, CA 95008-6600 Telephone (408) 370-8000 FAX 408 370-8056 Internet: http://www.zilog.com
(c) 1996 by Zilog, Inc. All rights reserved. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of Zilog, Inc. The information in this document is subject to change without notice. Devices sold by Zilog, Inc. are covered by warranty and patent indemnification provisions appearing in Zilog, Inc. Terms and Conditions of Sale only. Zilog, Inc. makes no warranty, express, statutory, implied or by description, regarding the information set forth herein or regarding the freedom of the described devices from intellectual property infringement. Zilog, Inc. makes no warranty of merchantability or fitness for any purpose. Zilog, Inc. shall not be responsible for any errors that may appear in this document. Zilog, Inc. makes no commitment to update or keep current the information contained in this document.
7


▲Up To Search▲   

 
Price & Availability of Z86C65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X